PART |
Description |
Maker |
PI74FCT861T PI74FCT863T |
Fast CMOS Bus Transceivers
|
Pericom Semiconductor Corporation
|
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
54FCT2245AT 54FCT2245T |
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
|
Integrated Device Technology
|
LXT974BHC |
Fast Ethernet 10/100 Quad Transceivers
|
Intel
|
LXT974 LXT974A LXT974AHC LXT975 LXT975A LXT975AHC |
Fast Ethernet 10/100 Quad Transceivers
|
INTEL[Intel Corporation]
|
88E3015 88E3016 88E3018 |
Single-Port Fast Ethernet Transceivers
|
Marvell Technology Group Ltd.
|
TFDU6102_05 TFDU6102 TFDU6102-TR3 TFDU6102-TT3 |
Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
|
VISAY[Vishay Siliconix]
|
TFDU6102 |
Fast Infrared Transceiver Module (FIR/ 4 Mbit/s) for 2.7 V to 5.5 V Operation Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
|
VISAY[Vishay Siliconix]
|
TRXAFELXABSS TRXAFELX TRXAFELXAASS TRXAFELXAESS |
Fast Ethernet 100BASE-LX10 SFP Single Mode Transceivers with Digital Diagnostics
|
OPLINK Communications Inc.
|
AFBR-5803AZ |
FDDI : 100 Mb/s ATM : and Fast Ethernet Transceivers in Low Cost 1 x 9 Package Style
|
Agilent
|